Part Number Hot Search : 
TLHR4405 200D05 TFS420A1 2N2222A AD9100SD SG6848DZ 1SN15T1G 60033
Product Description
Full Text Search
 

To Download CSC2002L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
CSC2002 TO-92 Plastic Package
Designed for use in Driver Stage of High Voltage Audio Equipments.
ABSOLUTE MAXIMUM RATINGS (Ta=25C unless specified otherwise) DESCRIPTION Collector Emitter Voltage Collector Base Voltage Emitter Base Voltage Collector Current Base Current Collector Power Dissipation Storage Temperature Junction Temperature SYMBOL VCEO VCBO VEBO IC IB PC Tstg Tj VALUE 60 60 5 300 60 600 - 55 to +150 +150 UNITS V V V mA mA mW C C
ABSOLUTE MAXIMUM RATINGS (Ta=25C unless specified otherwise) DESCRIPTION Collector Cut Off Current Emitter Cut Off Current DC Current Gain Collector Emitter Saturation Voltage Base Emitter Saturation Voltage Base Emitter Voltage Transition Frequency Collector to Base Capacitance * Pulsed PW <350s, Duty Cycle <2% hFE
(1)
SYMBOL ICBO IEBO hFE
(1)
TEST CONDITION VCB=60V, IE = 0 VEB=5V, IC = 0 VCE=1V, IC=50mA VCE=2V, IC=300mA IC=300mA, IB=30mA IC=300mA, IB=30mA VCE=6V, IC=10mA VCE=6V, IC= -10mA, IE=0, VCB=6V, f=1MHz
MIN
TYP
MAX 100 100 400 0.6 1.2
UNITS nA nA
*
90 30
VCE (sat) * VBE (sat) * VBE * fT Cob
V V V MHz pF
0.6 50
0.7 15
Classification
M : 90 - 180,
L : 135 - 270,
K : 200 - 400
Continental Device India Limited
Data Sheet
Page 1 of 3
CSC2002 TO-92 Plastic Package
TO-92 Plastic Package
TO-92 Transistors on Tape and Ammo Pack
Dimension With 'L' Uncontrolled
B
MECHANICAL DATA
h T h A H3 H2 H1 Ho L A1
P
(p)
h1
h1
Ammo Pack Style
Adhesive Tape on Top Side
ED FE
Carrier Strip
C1 C2 W2 Wo W1
LABEL
FLAT SIDE
183
A
W
t1
L
t
F1 F P2 Po
F2
Do
331
Solderability Ensured Beyond 'L'
42
K
1 2 3 D G AA
Flat Side of Transistor and Adhesive Tape Visible 2000 pcs./Ammo Pack
ITEM
SYMBOL A1 A T P Po P2 F h h1 W Wo W1 W2 Ho H1 L Do t F1, F2 H2 H3 | C1 - C2 | (P)
SPECIFICATION MIN. NOM. MAX. 4.0 4.8 3.9 12.7 12.7 6.35 5.08 0 0 18 6 9 0.5 16 23.25 11.0 4 1.2 2.54 0.45 1.45 3.0 0.22 +0.4, -0.1 %%P0.2 t1 0.3 - 0.6 4.8 5.2 4.2 %%P1 %%P0.3 %%P0.4 +0.6 -0.2 1.0 1.3 %%P0.5 %%P0.2 +0.7 -0.5 %%P0.2 %%P0.5 TOL .
REMARKS
D 3 E 2 1
SEC AA DIM MIN. 4.32 4.45 MAX. 5.33 5.20
BODY WIDTH BODY HEIGHT BODY THICKNESS PITCH OF COMPONENT FEED HOLE PITCH FEED HOLE CENTRE TO COMPONENT CENTRE DISTANCE BETWEEN OUTER LEADS COMPONENT ALIGNMENT SIDE VIEW COMPONENT ALIGNMENT FRONT VIEW TAPE WIDTH HOLD-DOWN TAPE WIDTH HOLE POSITION HOLD-DOWN TAPE POSITION LEAD WIRE CLINCH HEIGHT COMPONENT HEIGHT LENGTH OF SNIPPED LEADS FEED HOLE DIAMETER TOTAL TAPE THICKNESS LEAD - TO - LEAD DISTANCE STAND OFF CLINCH HEIGHT LEAD PARALLELISM PULL - OUT FORCE
CUMULATIVE PITCH ERROR 1.0 mm/20 PITCH TO BE MEASURED AT BOTTOM OF CLINCH
AT TOP OF BODY AT TOP OF BODY
F 321
F
A B C D E F G H K L H C
PIN CONFIGURATION 1. BASE 2. COLLECTOR 3. EMITTER
3.18 4.19 0.41 0.55 0.35 0.50 5 DEG 1.14 1.40 1.14 1.53 12.70 -- 1.982 2.082
6N
NOTES 1. MAXIMUM ALIGNMENT DEVIATION BETWEEN LEADS NOT TO BE GREATER THAN 0.2 mm. 2. MAXIMUM NON-CUMULATIVE VARIATION BETWEEN TAPE FEED HOLES SHALL NOT EXCEED 1 mm IN 20 PITCHES. 3. HOLDDOWN TAPE NOT TO EXCEED BEYOND THE EDGE(S) OF CARRIER TAPE AND THERE SHALL BE NO EXPOSURE OF ADHESIVE. 4. NO MORE THAN 3 CONSECUTIVE MISSING COMPONENTS IS PERMITTED. 5. A TAPE TRAILER, HAVING AT LEAST THREE FEED HOLES IS REQUIRED AFTER THE LAST COMPONENT. 6. SPLICES SHALL NOT INTERFERE WITH THE SPROCKET FEED HOLES.
All diminsions in mm.
Packing Detail
PACKAGE Details TO-92 Bulk TO-92 T&A 1K/ polybag 2K/ ammo box STANDARD PACK Net Weight/ Qty 200 gm/ pcs 1K 645 gm/ pcs 2K Size 3" x 7.5" x 7.5" 12.5" x 8" x 1.8" INNER CARTON BOX Qty 5K 2K Size 17" x 15" x 13.5" 17" x 15" x 13.5" OUTER CARTON BOX Qty 80K 32K Gr Wt 23 kgs 12.5 kgs
Continental Device India Limited
Data Sheet
Page 2 of 3
Notes
CSC2002 TO-92 Plastic Package
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished in the Data Sheet and on the CDIL Web Site/CD are believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-2579 6150, 5141 1112 Fax + 91-11-2579 5290, 5141 1119 email@cdil.com www.cdilsemi.com
CSC2002Rev090102E
Continental Device India Limited
Data Sheet
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of CSC2002L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X